Part Number Hot Search : 
5KP180CA F1209 F1209 LT301 1563CN ADUM3190 2424D 32200
Product Description
Full Text Search
 

To Download HIP6302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? fn4766.1 HIP6302 microprocessor core voltage regulator multi-phase buck pwm controller the HIP6302 multi-phase pwm cont rol ic together with its companion gate drivers, the hip6601, hip6602 or hip6603 and intersil mosfets provides a precision voltage regulation system for adv anced microprocessors. multiphase power conversion is a marked departure from earlier single phase converter configurations previously employed to satisfy the ever increasing current demands of modern microprocessors. multi-phase convertors, by distributing the power and load current results in smaller and lower cost transistors with fewer input and output capacitors. these reductions accrue fr om the higher effective conversion frequency with higher frequency ripple current due to the phase interleaving process of this topology. for example, a two phase converto r operating at 350khz will have a ripple frequency of 700khz. moreover, greater convertor bandwidth of this design results in faster response to load transients. outstanding featur es of this controller ic include programmable vid codes from the microprocessor that range from 1.100v to 1.850v with a system accuracy of 1%. pull up currents on these vid pins eliminates the need for external pull up resistors. in addition ?droop? compensation, used to reduce the overshoot or undershoot of the core voltage, is eas ily programmed with a single resistor. another feature of this controller ic is the pgood monitor circuit which is held low until the core voltage increases, during its soft-start sequenc e, to within 10% of the programmed voltage. ov er-voltage, 15% above programmed core voltage, resu lts in the converter shutting down and turning the lower mosfets on to clamp and protect the microprocessor. un der voltage is also detected and results in pgood low if the core voltage falls 10% below the programmed level. over-current protection reduces the regulator current to less than 25% of the programmed trip value. these features provide monitoring and protection for the micr oprocessor and power system. features ? multi-phase power conversion ? precision channel current sharing - loss less current sampling - uses r ds(on) ? precision core voltage regulation - 1% system accuracy over temperature ? microprocessor volta ge identification input - 5-bit vid input - 1.100v to 1.850v in 25mv steps - programmable ?droop? voltage ? fast transient recovery time ? over current protection ? high ripple frequency, (channel frequency) times number channels . . . . . . . . . . . . . . . . . .100khz to 3mhz ? lead-free product now available note: intersil lead-free products em ploy special lead free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which is compatible with both snpb and lead free soldering operations. inte rsil lead free products are msl classified at lead free peak reflow temperatures that meet or exceed the lead free requirements of ipc/jedec j std-020b. pinout HIP6302 (soic) top view ordering information part number temp. ( o c) package pkg. dwg. # HIP6302cb 0 to 70 16 ld soic m16.15 HIP6302cb-t 16 ld soic tape and reel HIP6302cbz (see note) 0 to 70 16 ld soic (lead-free) m16.15 HIP6302cbz-t (see note) 16 ld soic lead-free tape and reel HIP6302eval1 evaluation platform vid4 vid3 vid2 vid1 vid0 fs/dis vsen pgood pwm1 pwm2 v cc fb isen1 comp isen2 gnd 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 data sheet august 2003 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | intersil (and design) is a registered trademark of intersil americas inc. copyright ? intersil americas inc. 2003. all rights reserved all other trademarks mentioned are the property of their respective owners.
2 block diagram d/a current correction ov latch power-on reset (por) x1.15 soft- start and fault logic + - + - uv ovp + - e/a + - pwm pwm oc + - pwm1 pwm2 isen1 isen2 gnd pgood v cc fb i_trip fs/en s state i_tot + - + - + + - clock and three vid0 vid1 vid2 vid3 vid4 comp vsen generator sawtooth + x 0.9 HIP6302 HIP6302
3 simplified power system diagram functional pin description vid4 (pin 1), vid3 (pin 2), vid2 (pin 3), vid1 (pin 4) and vid0 (pin 5) voltage identification inputs from microprocessor. these pins respond to ttl and 3.3v logic signals. the HIP6302 decodes vid bits to establish the output voltage. see table 1. comp (pin 6) output of the internal error amplifier. connect this pin to the external feedback and compensation network. fb (pin 7) inverting input of the in ternal error amplifier. fs/dis (pin 8) channel frequency, f sw , select and disable. a resistor from this pin to ground sets the switching frequency of the converter. pulling this pin to ground disables the converter and three states the pwm outputs. see figure 10. gnd (pin 9) bias and reference ground. all signals are referenced to this pin. vsen (pin 10) power good monitor input. connect to the microprocessor- core voltage. isen2 (pin 11) and isen1 (pin 14) current sense inputs from the individual converter channel?s phase nodes. pwm2 (pin 12) and pwm1 (pin 13) pwm outputs for each driven ch annel in use. connect these pins to the pwm input of a hip6601/2/3 driver. pgood (pin 15) power good. this pin provides a logic-high signal when the microprocessor core voltage (vsen pin) is within specified limits and soft-start has timed out. v cc (pin 16) bias supply. connect this pin to a 5v supply. synchronous HIP6302 microprocessor vsen vid rectified buck channel synchronous rectified buck channel pwm 1 pwm 2 vid4 vid3 vid2 vid1 vid0 fs/dis vsen pgood pwm1 pwm2 v cc fb isen1 comp isen2 gnd 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 HIP6302 HIP6302
4 typical application - tw o phase converte r using hip6601 gate drivers main control HIP6302 vid3 vid0 pgood fb +5v comp pwm2 pwm1 isen2 isen1 vsen driver hip6601 pwm vcc boot ugate phase lgate v in = +5v pvcc pwm vcc boot ugate phase lgate v in = +5v driver hip6601 pvcc fs/dis gnd gnd gnd v cc +v core +12v +12v vid2 vid4 vid1 HIP6302 HIP6302
5 typical application - tw o phase converter usi ng a hip6602 gate driver main control HIP6302 vid3 vid2 vid1 vid0 fb +5v comp pwm1 pwm2 isen2 vsen fs/dis isen1 gnd v in +12v boot2 ugate2 phase2 lgate2 boot1 ugate1 phase1 lgate1 pwm1 pvcc +5v vcc v in = +12v +12v dual driver hip6602 pgood gnd v cc +v core l 01 l 02 pwm2 vid4 HIP6302 HIP6302
6 absolute m aximum ratings supply voltage, vcc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7v input, output, or i/o voltage . . . . . . . . . . gnd -0.3v to v cc + 0.3v esd classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . class tbd recommended operating conditions supply voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5v 5% ambient temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 0 o c to 70 o c thermal information thermal resistance (typical, note 1) ja ( o c/w) soic package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . .150 o c maximum storage temperature range . . . . . . . . . -65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . .300 o c (soic - lead tips only) caution: stress above those listed in ?absolute maximum rating s? may cause permanent damage to the device. this is a stress onl y rating and operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. note: 1. ja is measured with the component mounted on a high effective therma l conductivity test board in fr ee air. see tech brief tb379 f or details. electrical specifications operating conditions: v cc = 5v, t a = 0 o c to 70 o c, unless otherwise specified parameter test conditions min typ max units input supply power input supply current r t = 100k ? , active and disabled maximum limit - 10 15 ma por (power-on reset) threshold v cc rising 4.25 4.38 4.5 v v cc falling 3.75 3.88 4.00 v reference and dac system accuracy percent system deviation from programmed vid codes -1 - 1 % dac (vid0 - vid4) input low voltage dac programming input low threshold voltage - - 0.8 v dac (vid0 - vid4) input high voltage dac programming input high threshold voltage 2.0 - - v vid pull-up vidx = 0v or vidx = 3v 10 20 40 a channel generator frequency, f sw r t = 100k ? , 1% 245 275 305 khz adjustment range see figure 10 0.05 - 1.5 mhz disable voltage maximum voltage at fs/dis to disable controller. i fs/dis = 1ma. - - 1.0 v error amplifier dc gain r l = 10k to ground - 72 - db gain-bandwidth product c l = 100pf, r l = 10k to ground - 18 - mhz slew rate c l = 100pf, load = 400 a-5.3-v/ s maximum output voltage r l = 10k to ground, load = 400 a3.64.1-v minimum output voltage r l = 10k to ground, load = -400 a - 0.16 0.5 v i sen full scale input current -50- a over-current trip level - 82.5 - a power good monitor under-voltage threshold vsen rising - 0.92 - v dac under-voltage threshold vsen falling - 0.90 - v dac pgood low output voltage i pgood = 4ma - 0.18 0.4 v protection over-voltage threshold vsen rising 1.12 1.15 1.2 v dac percent over-voltage hysteresis vsen falling after over-voltage - 2 - % HIP6302 HIP6302
7 operation figure 1 shows a simplified diagr am of the voltage regulation and current control loops. both voltage and current feedback are used to precisely regulate voltage and tightly control output currents, i l1 and i l2 , of the two power channels. the voltage loop comprises the erro r amplifier, comparators, gate drivers and output mosfets. the error amplifier is essentially connected as a voltage follower that has as an input, the programmable reference dac and an output that is the core voltage. voltage loop feedback from the core voltage is applied via resistor r in to the inverting input of the error amplifier. this signal can drive the error amplifier output either high or low, depending upon the core voltage. low core voltage makes the amplifier output move towards a higher output voltage level. amplifier output voltage is applied to the positive inputs of the comparators via the corre ction summing networks. out- of-phase sawtooth signals are applied to the two comparators inverting inputs. increasing error amplifier voltage results in increased comparator output duty cycle. this increased duty cycle sig nal is passed through the pwm circuit with no phase reversal and on to the hip6601, again with no phase reversal for gate drive to the upper mosfets, q1 and q3. increased duty cycle or on time for the mosfet transistors results in increased output voltage to compensate for the low output voltage sensed. current loop the current control loop works in a similar fashion to the voltage control loop, but with current control information applied individually to each channel?s comparator. the information used for this control is the voltage that is developed across r ds(on) of each lower mosfet, q2 and q4, when they are conducting. a single resistor converts and scales the voltage across the mosfets to a current that is applied to the current sensing circuit within the HIP6302. output from these sens ing circuits is applied to the current averaging circuit. each pwm channel receives the difference current signal from the summing circuit that compares the average sensed current to the individual channel current. when a power channel?s current is greater figure 1. simplified block diagram of the HIP6302 voltage and current contro l loops for a two power channel regulator current sensing comparator pwm circuit + r isen1 + correction error amplifier fb reference i sen1 r in v core q3 q4 l 02 phase pwm1 i l2 dac HIP6302 c out r load v in hip6601 - q1 q2 l 01 phase i l1 v in hip6601 current sensing comparator pwm circuit correction pwm2 - i average + + + - programmable r isen2 i sen2 - - - - + + current averaging HIP6302 HIP6302
8 than the average current, the signal applied via the summing correction circuit to the co mparator, reduc es the output pulse width of the comparat or to compensate for the detected ?above average? current in that channel. droop compensation in addition to control of each power channel?s output current, the average channel current is also used to provide core voltage ?droop? compensation. average full channel current is defined as 50 a. by selecting an input resistor, r in , the amount of voltage droop required at full load current can be programmed. the average curr ent driven into the fb pin results in a voltage increase across resistor r in that is in the direction to make the error am plifier ?see? a higher voltage at the inverting input, resulting in the error amplifier adjusting the output voltage lo wer. the voltage developed across r in is equal to the ?droop? voltage. see the ?current sensing and balancing? section for more details. applications and convertor start-up each pwm power channel?s current is regulated. this enables the pwm channels to accurately share the load current for enhanced reliability . the hip6601, hip6602 or hip6603 mosfet driver interf aces with the HIP6302. for more information, see the hi p6601, hip6602 or hip6603 data sheets. the HIP6302 controls the two pwm power channels 180 o out of phase. figure 2 shows the out of phase relationship between the two pwm channels. power supply ripple frequency is determined by the channel frequency, f sw , multiplied by the number of active channels. for example, if the channel frequency is set to 250khz, the ripple frequency is 500khz. the ic monitors and precisely regulates the core voltage of a microprocessor. after initia l start-up, the controller also provides protection for the load and the power supply. the following section discu sses these features. initialization the HIP6302 usually operates from an atx power supply. many functions are initiated by the rising supply voltage to the v cc pin of the HIP6302. oscilla tor, sawtooth generator, soft-start and other functions are initialized during this interval. these circuits are controlled by por, power-on reset. during this interval, the pwm outputs are driven to a three state condition that makes these outputs essentially open. this state results in no gate drive to the output mosfets. once the v cc voltage reaches 4.375v (+ 125mv), a voltage level to insure proper internal function, the pwm outputs are enabled and the soft-start sequence is initiated. if for any reason, the v cc voltage drops below 3.875v (+ 125mv). the por circuit shuts the converter down and again three states the pwm outputs. soft-start after the por function is completed with v cc reaching 4.375v, the soft-start sequence is initiated. soft-start, by its slow rise in core voltage from zero, avoids an over-current condition by slowly char ging the discharged output capacitors. this voltage rise is initiated by an internal dac that slowly raises the referenc e voltage to the error amplifier input. the voltage rise is co ntrolled by the oscillator frequency and the dac within t he HIP6302, therefore, the output voltage is effectively regulated as it rises to the final programmed core voltage value. for the first 32 pwm switching cycles, the dac output remains inhibited and the pwm outputs remain three stated. from the 33rd cycle and for another, approximately 150 cycles the pwm output remain s low, clamping the lower output mosfets to ground, see figure 3. the time variability is due to the error amplifier, sawtooth generator and comparators moving into their active regions. after this short interval, the pwm outputs are enabled and increment the pwm pulse width from ze ro duty cycle to operational pulse width, thus allowing the output voltage to slowly reach the core voltage. the co re voltage will reach its programmed value before th e 2048 cycles, but the pgood output will not be initiated until the 2048th pwm switching cycle. the soft-start time or delay time, dt = 2048/f sw . for an oscillator frequency, f sw , of 200khz, the first 32 cycles or 160 s, the pwm outputs are held in a three state level as explained above. after this period and a short interval described above, the pwm out puts are initiated and the voltage rises in 10.08ms, for a total delay time dt of 10.24ms. figure 3 shows the start-up seque nce as initiated by a fast rising 5v supply, v cc, applied to the hi p6302. note the short rise to the three state level in pwm 1 output during first 32 pwm cycles. figure 4 shows the waveforms when the regulator is operating at 200khz. note that the soft-start duration is a function of the channel frequency as explained previously. also note the pulses on the comp terminal. these pulses are the current correction signal feeding into the comparator input (see the block diagram on page 2). pwm 1 pwm 2 figure 2. two phase pwm output at 500khz HIP6302 HIP6302
9 figure 5 shows the regulator operating from an atx supply. in this figure, note the slight rise in pgood as the 5v supply rises.the pgood output stage is made up of nmos and pmos transistors. on the rising v cc , the pmos device becomes active slightly before the nmos transistor pulls ?down?, generating the slight rise in the pgood voltage. note that figure 5 shows the 12v gate driver voltage available before the 5v supply to the HIP6302 has reached its threshold level. if conditions were reversed and the 5v supply was to rise first, the start-up sequence would be different. in this case the hip6303 will sense an over-current condition due to charging the output capacitors. the supply will then restart and go through the normal soft-start cycle. . fault protection the HIP6302 protects the microprocessor and the entire power system from damaging stress levels. within the HIP6302 both over-voltage and over-current circuits are incorporated to protect the load and regulator. over-voltage the vsen pin is connected to the microprocessor core voltage. a core over-volta ge condition is detected when the vsen pin goes more than 15% above the programmed vid level. the over-voltage condition is latched, disabling normal pwm operation, and causing pgood to go low. the latch can only be reset by lowering and returning v cc high to initiate a por and soft-start sequence. during a latched over-voltage, the pwm outputs will be driven either low or three state, depending upon the vsen input. pwm outputs are driven low when the vsen pin detects that the core voltage is 15% above the programmed vid level. this condition drives the pwm outputs low, resulting in the lower or synchronous rectifier mosfets to conduct and shunt the core voltage to ground to protect the load. if after this event, the core voltage falls below the over- voltage limit (plus some h ysteresis), the pwm outputs will three state. the hip6601 family drivers pass the three state information along, and shuts off both upper and lower mosfets. this prevents ?dumpi ng? of the outp ut capacitors back through the lower mosfets, avoiding a possibly destructive ringing of the capac itors and output inductors. if the conditions that caused the over-voltage still persist, the pwm outputs will be cycled between three state and v core clamped to ground, as a hysteretic shunt regulator. pwm 1 pgood v core 5v output v cc v in = 12v delay time figure 3. start-up of 4 phase system operating at 500khz pgood v core 5v v comp v cc v in = 12v delay time figure 4. start-up of 4 phase system operating at 200khz 12v atx supply pgood 5 v atx v core supply atx supply activated by atx ?ps-on pin? frequency 200khz v in = 5v, core load current = 31a figure 5. supply powered by atx supply HIP6302 HIP6302
10 under-voltage the vsen pin also detects when the core voltage falls more than 10% below the vid programmed level. this causes pgood to go low, but has no other effect on operation and is not latched. ther e is also hysteresis in this detection point. over-current in the event of an over-current condition, the over-current protection circuit reduces the average current delivered to less than 25% of the current limit. when an over-current condition is detected, the cont roller forces all pwm outputs into a three state mode. this condition results in the gate driver removing drive to th e output stages.the HIP6302 goes into a wait delay timing cycle that is equal to the soft- start ramp time. pgood also goes ?low? during this time due to vsen going below its threshold voltage.to lower the average output dissipation, the soft -start initial wait time is increased from 32 to 2048 cycles, then the soft-start ramp is initiated. at a pwm frequency of 200khz, for instance, an over-current detection would cause a dead time of 10.24ms, then a ramp of 10.08ms. at the end of the delay, pwm outputs are restarted and the soft-start ramp is in itiated. if a short is present at that time, the cycle is repeated. this is the hiccup mode. figure 6 shows the supply shor ted under operation and the hiccup operating mode described above. note that due to the high short circuit current, over-current is detected before completion of the start-up sequence so the delay is not quite as long as the norm al soft-start cycle. core voltage programming the voltage identification pins (vid0, vid1, vid2, vid3 and vid4) set the core output volt age. each vid pin is pulled to v cc by an internal 20 a current source and accepts open-collector/open-drain/ open-switch-to-ground or standard low-voltage ttl or cmos signals. table 1 shows the nominal dac voltage as a function of the vid codes. the powe r supply system is 1% accurate over the operating temperature and voltage range. pgood short 50a/div current atx supply activated by atx ?ps-on pin? supply frequency = 200khz, v in = 12v hiccup mode. supply powered by atx supply core load current = 31 a, 5v load = 5a short applied here figure 6. short applied to supply after power-up table 1. voltage identification codes vid4 vid3 vid2 vid1 vid0 vdac 11111off 111101.100 111011.125 111001.150 110111.175 110101.200 110011.225 110001.250 101111.275 101101.300 101011.325 101001.350 100111.375 100101.400 100011.425 100001.450 011111.475 011101.500 011011.525 011001.550 010111.575 010101.600 010011.625 010001.650 001111.675 001101.700 001011.725 001001.750 000111.775 000101.800 000011.825 000001.850 HIP6302 HIP6302
11 current sensing and balancing overview the HIP6302 samples the on-state voltage drop across each synchronous rectifier fet, q2, as an indication of the inductor current in that phase, see figure 7. neglecting ac effects (to be discussed later), the voltage drop across q2 is simply r ds(on) (q2) x induct or current (i l ). note that i l , the inductor current, is 1/2 of the total current (i lt ). the voltage at q2?s drain, t he phase node, is applied to the r isen resistor to develop the i isen current to the HIP6302 isen pin. this pin is held at virtual ground, so the current through r isen is i l x r ds(on) (q2) / r isen . the i isen current provides info rmation to perform the following functions: 1. detection of an over-current condition 2. reduce the regulator output voltage with increasing load current (droop) 3. balance the i l currents in the two phases over-current, selecting r isen the current detected through the r isen resistor is averaged with the current detected in th e other channel. the averaged current is compared with a tr immed, internally generated current, and used to detect an over-current condition. the nominal current through the r isen resistor should be 50 a at full output load current, and the nominal trip point for over-current detection is 165% of that value, or 82.5 a. therefore, r isen = i l x r ds(on) (q2)/50 a. for a full load of 25a per phase, and an r ds(on) (q2) of 4m ? , r isen = 2k ? . the over-current trip point would be 165% of 25a, or ~ 41a per phase. the r isen value can be adjusted to change the over-current trip point, but it is suggested to stay within 25% of nominal. droop, selection of r in the average of the current s detected through the r isen resistors is also steered to the fb pin. there is no dc return path connected to the fb pin except for r in , so the average current creates a voltage drop across r in . this drop increases the apparent v core voltage with increasing load current, causing the system to decrease v core to maintain balance at the fb pin. this is the desired ?droop? voltage used to maintain v core within limits under transient conditions. figure 7. simplified functional block diag ram showing current and voltage sampling current sensing comparator pwm circuit averaging current from other channel sawtooth generator + difference r isen + correction error amplifier fb comp reference to other channels i sen r in r fb c c v core q1 q2 comparator reference to over current trip l 01 phase inductor current from other channel pwm i l dac HIP6302 c out r load v in only one output hip6601 - - stage shown - + sensing - + - + HIP6302 HIP6302
12 with a high dv/dt load transient, typical of high performance microprocessors, the largest deviations in output voltage occur at the leading and trailing edges of the load transient. in order to fully utilize the output-voltage tolerance range, the output voltage is positioned in the upper half of the range when the output is unloaded and in the lower half of the range when the controller is under full load. this droop compensation allows larger tr ansient voltage deviations and thus reduces the size and cost of the output filter components. r in should be selected to give the desired ?droop? voltage at the normal full load current 50 a applied through the r isen resistor (or at a different full load current if adjusted as under ?over-current, selecting r isen ? above). r in = vdroop / 50 a for a vdroop of 80mv, r in = 1.6k ? the ac feedback components, r fb and cc, are scaled in relation to r in . current balancing the detected currents are also used to balance the phase currents. each phase?s current is compared to the average of the two phase currents, and the difference is used to create an offset in that phase?s pwm comparator. the offset is in a direction to reduce the imbalance. the balancing circuit can not make up for a difference in r ds(on) between synchronous rectifiers. if a fet has a higher r ds(on) , the current through that phase will be reduced. figures 8 and 9 show the inductor current of a two phase system without and with current balancing. inductor current the inductor current in each phase of a multi-phase buck converter has two components. there is a current equal to the load current divided by the number of phases (i lt / n), and a sawtooth current, (i pk-pk ) resulting from switching. the sawtooth component is de pendent on the size of the inductors, the switching frequency of each phase, and the values of the input and output voltage. ignoring secondary effects, such as series resistance, the peak to peak value of the sawtooth current can be described by: i pk-pk = (v in x v core - v core 2 ) / (l x f sw x v in ) where: v core = dc value of the output or v id voltage v in = dc value of the input or supply voltage l = value of the inductor f sw = switching frequency example: for v core = 1.6v, v in = 12v, l= 1.3 h, f sw = 250khz, then i pk-pk = 4.3a the inductor, or load current, flows alternately from v in through q1 and from ground through q2. the HIP6302 samples the on-state voltage drop across each q2 transistor to indicate the inductor current in that phase. the voltage drop is sampled 1/3 of a switching period, 1/f sw , after q1 is turned off and q2 is turned on. because of the sawtooth current component, the sampled current is different from the average current per phase. negl ecting secondary effects, the sampled current (i sample ) can be related to the load current (i lt ) by: i sample = i lt / n + (v in v core - 3v core 2 ) / (6l x f sw x v in ) where: i lt = total load current n = the number of channels example: using the previously given conditions, and for i lt = 50a, n= 2 then i sample = 25.49a 0 5 10 15 20 25 amperes figure 8. two channel multiphase system with current balancing disabled 0 5 10 15 20 25 amperes figure 9. two channel multiphase system with current balancing enabled HIP6302 HIP6302
13 as discussed previously, the voltage drop across each q2 transistor at the point in time when current is sampled is r dson (q2) x i sample . the voltage at q2?s drain, the phase node, is applied through the r isen resistor to the HIP6302 isen pin. this pin is held at virtual ground, so the current into isen is: i sense = i sample x r ds(on) (q2) / r isen . r isen = i sample x r ds(on) (q2) / 50 a example: from the previous conditions, where i lt = 50a, i sample = 25.49a, r ds(on) (q2) = 4m ? then: r isen = 2.04k and i current trip = 165% short circuit i lt = 82.5a. channel frequency oscillator the channel oscillator frequency is set by placing a resistor, r t , to ground from the fs/dis pin. figure 10 is a curve showing the relationship between frequency, f sw, and resistor r t . to avoid pickup by the fs/dis pin, it is important to place this resistor next to the pin. if this pin is also used to disable the converter, it is also important to locate the pull- down device next to this pin. layout considerations mosfets switch very fast and efficiently. the speed with which the current transitions from one device to another causes voltage spikes across the interconnecting impedances and parasitic circuit elements. these voltage spikes can degrade efficiency, radiate noise into the circuit and lead to device over-voltage stress. careful component layout and printed circuit design minimizes the voltage spikes in the converter. consi der, as an example, the turnoff transition of the upper pwm mosfet. prior to turnoff, the upper mosfet was carrying channel current. during the turnoff, current stops flowing in the upper mosfet and is picked up by the lower mosfet. any inductance in the switched current path generates a large voltage spike during the switching interval. carefu l component selection, tight layout of the critical components, and short, wide circuit traces minimize the magnitude of voltage spikes. contact intersil for evaluation board drawings of the component placement and printed circuit board. there are two sets of critical components in a dc-dc converter using a HIP6302 controller and a hip6601 gate driver. the power components ar e the most critical because they switch large amounts of energy. next are small signal components that connect to sens itive nodes or supply critical bypassing current and signal coupling. the power components should be placed first. locate the input capacitors close to the power switches. minimize the length of the connections betwe en the input capacitors, c in , and the power switches. locate the output inductors and output capacitors between the mosfets and the load. locate the gate driver close to the mosfets. the critical small components include the bypass capacitors for vcc and pvcc on the gate driver ics. locate the bypass capacitor, c bp , for the HIP6302 controller close to the device. it is especially im portant to locate the resistors associated with the input to the amplifiers close to their respective pins, since they represent the input to feedback amplifiers. resistor r t , that sets the oscillator frequency should also be located next to the associated pin. it is especially important to place the r sen resistor(s) at the respective terminals of the HIP6302. a multi-layer printed circuit board is recommended. figure 11 shows the connections of the critical components for one output channel of the converter. note that capacitors c in and c out could each represent numer ous physical capacitors. dedicate one solid layer, usually the middle layer of the pc board, for a ground plane and make all critical component ground connections with vias to this layer. dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. keep the metal runs from the phase terminal to inductor l o1 short. the power plane should support the input power and output power nodes. use copper filled polygons on the top and bottom circuit layers for the phase nodes. use the remainin g printed circuit layers for small signal wiring. the wiring traces from the driver ic to the mosfet gate and source should be sized to carry at least one ampere of current. 50 100 10 20 200 500 1,000 5,000 10,000 2,000 1 2 5 10 20 50 100 200 500 1,000 r t (k ? ) channel oscillator frequency, f sw (khz) figure 10. resistance r t vs frequency HIP6302 HIP6302
14 component selection guidelines output capacitor selection the output capacitor is selected to meet both the dynamic load requirements and the voltage ripple requirements. the load transient for the micropro cessor core is characterized by high slew rate (di/dt) current demands. in general, multiple high quality capacitors of different size and dielectric are paralleled to meet the design constraints. modern microprocesso rs produce severe transient load rates. high frequency capacitors supply the initially transient current and slow the load rate-of-chan ge seen by the bulk capacitors. the bulk filter capacitor valu es are generally determined by the esr (effective series resistance) and voltage rating requirements rather than act ual capacitance requirements. high frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. consult with the manufacturer of the load on specific decoupling requirements. use only specialized low-esr capacitors intended for switching-regulator applications for the bulk capacitors. the bulk capacitor?s esr determines the output ripple voltage and the initial voltage drop following a high slew-rate transient?s edge. in most cases, multiple capacitors of small case size perform better than a single large case capacitor. bulk capacitor choices include aluminum electrolytic, os- con, tantalum and even ceramic dielectrics. an aluminum electrolytic capacitor?s esr value is related to the case size with lower esr available in larger case sizes. however, the equivalent series inductance (esl) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. unfortunately, esl is not a spec ified parameter. consult the capacitor manufacturer and measure the capacitor?s impedance with frequency to select a suitable component. output inductor selection one of the parameters limiting the converter?s response to a load transient is the time required to change the inductor current. small inductors in a multi-phase converter reduces the response time without significant increases in total ripple current. the output inductor of each power channel controls the ripple current. the control ic is stable for channel ripple current (peak-to-peak) up to twice the average current. a single channel?s ripple current is approximately: the current from multiple channel s tend to cancel each other and reduce the total ripple current. figure 12 gives the total ripple current as a function of duty cycle, normalized to the parameter at zero duty cycle. to determine the total ripple current from the number of channels and the duty cycle, multiply the y-axis value by . small values of output inductance can cause excessive power dissipation. the hip6303 is designed for stable operation for ripple currents up to twice the load current. however, for this condition, the rms curr ent is 115% above the value shown in the following mosfet selection and considerations section. with all else fixed, decreasi ng the inductance could increase the power dissipated in the mosfets by 30%. ? i v in v out ? f sw xl ------------------------------- - v out v in --------------- - = v core +12v via connection to ground plane island on power plane layer island on circuit plane layer l o1 c out c in +5v in key phase vcc use individual metal runs comp HIP6302 pwm r t r in r fb c bp fb vsen isen r sen hip6601 c boot c bp c t v cc fs/dis pvcc locate next to ic pin locate next to fb pin locate next to ic pin(s) isolate output stages for each channel to help locate near transistor figure 11. printed circuit board power planes and islands vo () lf s ? () ? vo () lxf sw () ? HIP6302 HIP6302
15 input capacitor selection the important parameters for the bulk input capacitors are the voltage rating and the rms current rating. for reliable operation, select bulk input capacitors with voltage and current ratings above the maximum input voltage and largest rms current required by the circuit. the capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. t he rms current required for a multi-phase converter can be approximated with the aid of figure 13. first determine the operating du ty ratio as the ratio of the output voltage divided by the in put voltage. find the current multiplier from the curve with the appropriate power channels. multiply the current multiplier by the full load output current. the resulting value is the rms current rating required by the input capacitor. use a mix of input bypass capacitors to control the voltage overshoot across the mosfet s. use ceramic capacitance for the high frequency decoupling and bulk capacitors to supply the rms current. small ceramic capacitors should be placed very close to the drain of the upper mosfet to suppress the voltage induced in the parasitic circuit impedances. for bulk capacitance, several electrolytic capacitors (panasonic hfq series or nichicon pl series or sanyo mv-gx or equivalent) may be needed. for surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. these capacitors must be capable of handling the surge- current at power-up. the tps series available from avx, and the 593d series from sprague are both surge current tested. mosfet selection and considerations in high-current pwm applications, the mosfet power dissipation, package selection and heatsink are the dominant design factors. the power dissipation includes two loss components; conduction loss and switching loss. these losses are distributed between the upper and lower mosfets according to duty factor (see the following equations). the conduction losses are the main component of power dissipation for the lower mosfets, q2 and q4 of figure 1. only the upper mosfets, q1 and q3 have significant switching losses, since the lower device turns on and off into near zero voltage. the equations assume linear vo ltage-current transitions and do not model power loss due to the reverse-recovery of the lower mosfets body diode. the gate-charge losses are dissipated by the driver ic and don't heat the mosfets. however, large gate-charge increases the switching time, t sw which increases the upper mosfet switching losses. ensure that both mosfets are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specificat ions. a separate heatsink may be necessary depending upon mosfet power, package type, ambient temperature and air flow. a diode, anode to ground, may be placed across q2 and q4 of figure 1. these diodes function as a clamp that catches the negative inductor swing during the dead time between the turn off of the lower mosfets and the turn on of the upper mosfets. the diodes must be a schottky type to prevent the lossy parasitic mosfet body diode from conducting. it is usually accept able to omit the diodes and let the body diodes of the lower mosfets clamp the negative inductor swing, but efficiency could drop one or two percent as a result. the diode's rated reverse breakdown voltage must be greater than the maximum input voltage. 1.0 0.8 0.6 0.4 0.2 0 0 0.1 0.2 0.3 0.4 0.5 duty cycle (v o /v in ) ripple current (a peak-peak ) v o / (l x f sw ) single channel 2 channel 3 channel 4 channel figure 12. ripple current vs duty cycle 0.5 0.4 0.3 0.2 0.1 0 0 0.1 0.2 0.3 0.4 0.5 duty cycle (v o /v in ) current multiplier single channel 3 channel 4 channel 2 channel figure 13. current multiplier vs duty cycle p upper i o 2 r ds on () v out v in ------------------------------------------------------------ i o v in t sw f sw 2 --------------------------------------------------------- - + = p lower i o 2 r ds on () v in v out ? () v in -------------------------------------------------------------------------------- - = HIP6302 HIP6302
16 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality ce rtifications can be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that da ta sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com HIP6302 small outline plast ic packages (soic) notes: 1. symbols are defined in the ?mo series symbol list? in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension ?d? does not include mold flash, protrusions or gate burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. dimension ?e? does not include interlead flash or protrusions. in- terlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. ?l? is the length of terminal for soldering to a substrate. 7. ?n? is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. the lead width ?b?, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. controlling dimension: millimeter. converted inch dimen- sions are not necessarily exact. index area e d n 123 -b- 0.25(0.010) c a m b s e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45 o c h 0.25(0.010) b m m m16.15 (jedec ms-012-ac issue c) 16 lead narrow body small outline plastic package symbol inches millimeters notes min max min max a 0.053 0.069 1.35 1.75 - a1 0.004 0.010 0.10 0.25 - b 0.014 0.019 0.35 0.49 9 c 0.007 0.010 0.19 0.25 - d 0.386 0.394 9.80 10.00 3 e 0.150 0.157 3.80 4.00 4 e 0.050 bsc 1.27 bsc - h 0.228 0.244 5.80 6.20 - h 0.010 0.020 0.25 0.50 5 l 0.016 0.050 0.40 1.27 6 n16 167 0 o 8 o 0 o 8 o - rev. 1 02/02


▲Up To Search▲   

 
Price & Availability of HIP6302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X